PART |
Description |
Maker |
R3005300L |
Si Reverse, low current, 5 - 300MHz, 30.0dB typ. Gain @ 300MHz, 160mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
RFDA0056R13 |
Digital Controlled Variable Gain Amplifier 300MHz to 1100MHz, 6-Bit 0.5dB LSB Control
|
RF Micro Devices
|
EL5193ACS EL5193ACS-T13 EL5193ACS-T7 EL5193ACW-T7 |
Op Amp, 300MHz, Current Feedback Amplifier, Low Power Op Amp, 300MHz, Current Feedback Amplifier, with Enable, Low Power Single 300MHz Current Feedback Amplifier with Enable Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:55; Connector Shell Size:16; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No
|
INTERSIL[Intersil Corporation]
|
LTC5509 LTC5509ESC6 |
300MHz to 3GHz RF Power Detector in SC70 Package 300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
|
Linear Technology
|
2SC2413K 2SC2058S 2SC4098 2SC4618 2SC5659 2SC5058S |
25V,50mA, 300MHz high-frequency amplifier transistor Transistors > Small Signal Bipolar Transistors(up to 0.6W) High-frequency Amplifier Transistor(25V 50mA 300MHz) High-frequency Amplifier Transistor(25V, 50mA, 300MHz) High-frequency Amplifier Transistor(25V/ 50mA/ 300MHz)
|
ROHM[Rohm] Rohm CO.,LTD.
|
MAX1472 MAX1472AKA-T MAX7044 |
JT 37C 37#16 PIN RECP SPECIALTY TELECOM CIRCUIT, PDSO8 300MHz-to-450MHz Low-Power / Crystal-Based ASK Transmitter 300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
LTM9013 |
300MHz Wideband Receiver
|
Linear Technology
|
EL513007 EL5130IS-T13 EL5130ISZ-T13 EL5131 EL5130 |
300MHz Low Noise Amplifiers(300MHz低噪声放大器)
|
Intersil Corporation
|
MAX705711 |
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
|
Maxim Integrated Products
|